Part Number Hot Search : 
WP63YD PLP1000A LVCH16 BGY68 167BZXC X28ST010 MMSZ36 KTCB8
Product Description
Full Text Search
 

To Download MAAL-007304-TR3000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
Low Noise Amplifier 0.5 - 3.0 GHz
Features
* * * * * * * Low Noise Figure: 0.7 dB at 2.3 GHz Single +3 to +5 V Supply Voltage Low Current, 10 mA typical Lead-Free SOT26-6LD 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound RoHS* Compliant and 260C Reflow Compatible
MAAL-007304 V1
Functional Schematic
Description
M/A-COM's MAAL-007304 low noise amplifier is a GaAs MMIC amplifier in a lead-free SOT-26 surface mount plastic package. The MAAL-007304 employs a monolithic 2-stage self-biased design and typically runs from a single 3.0 volt supply. Any voltage between 3.0 and 5.0 volts can be used, depending on system requirements. The MAAL-007304 offers low noise, low current, and high gain. It can be tuned for various applications from 0.5 to 3 GHz. M/A-COM fabricates the MAAL-007304 using a low noise PHEMT process to realize low noise and high gain. The process features full passivation for performance and reliability.
Pin Configuration
Pin No.
1 2 3 4 5
Pin Name
VDD1 GND RFIN SRC GND RFOUT
Description
First stage positive supply voltage RF and DC Ground RF Input of the amplifier First stage source RF and DC Ground RF Output of the amplifier
Ordering Information 1
Part Number
MAAL-007304-000000 MAAL-007304-TR3000 MAAL-007304-000SMB MAAL-007304-001SMB
6
Package
Bulk Packaging 3000 piece reel Sample Board Assy Application use only 2.3 - 2.5 GHz Configuration
Absolute Maximum Ratings 2,3
Parameter
RF Input Power Voltage Operating Temperature Storage Temperature
Absolute Maximum
-15 dBm 6.0 volts -40 C to +85 C -65 C to +150 C
1. Reference Application Note M513 for reel size information.
2. Exceeding any one or combination of these limits may cause permanent damage to this device. 3. M/A-COM does not recommend sustained operation near these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
Low Noise Amplifier 0.5 - 3.0 GHz
Electrical Specifications: VDD = +3 V, TA = 25 C, Z0 = 50
Parameter
Gain Noise Figure Input Return Loss Output Return Loss Output P1dB Output IP3 Current
MAAL-007304 V1
Test Conditions
2.3 GHz 2.3 GHz 2.3 GHz 2.3 GHz 500 - 3000 MHz 500 - 3000 MHz --
Units
dB dB dB dB dBm dBm mA
Min.
24.0 -- -- -- -- -- --
Typ.
25.5 0.7 15 10 7 18 11.5
Max.
27.0 0.85 -- -- -- -- 13.0
Recommended PCB Configuration
Parts List
Component
C1 C2 C3, C4 L1 L2, L5 L3 L4 L6 TL1 TL2
Value
3 pF 8.2 pF 0.1 F 5.6 nH 6.8 nH 1.5 nH 4.7 nH 7.5 nH
Footprint Manufacturer
0603 0603 0402 0402 0402 0402 0402 0402 ATC ATC Panasonic Panasonic Coilcraft Toko Toko Coilcraft
47.5 , 34 @ 2.3 GHz 47.5 , 15.5 @ 2.3 GHz
Schematic
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
Low Noise Amplifier 0.5 - 3.0 GHz
Typical Performance Curves @ 2.3 GHz
Gain
35
MAAL-007304 V1
Input Return Loss
0
30
-5
+25C -40C +85C
25
-10
20
25C -40C +85C
-15
15 2.1
-20 2.2 2.3 2.4 2.5 2.1 2.2 2.3 2.4 2.5
Frequency (GHz)
Frequency (GHz)
Output Return Loss
0
Noise Figure
2
+25C -40C +85C
-5
1.5
-10
1
-15
+25C -40C +85C
0.5
-20 2.10
2.20
2.30
2.40
2.50
0 2.10
2.20
2.30
2.40
2.50
Frequency (GHz)
Frequency (GHz)
Output IP3
30
+25C -40C +85C
Input IP3
10
+25C -40C +85C
5 0 -5 -10
25
20
15
-15
10 2.10
2.20
2.30
2.40
2.50
-20 2.10
2.20
2.30
2.40
2.50
Frequency (GHz)
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
Frequency (GHz)
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
Low Noise Amplifier 0.5 - 3.0 GHz
Typical Performance Curves
P1dB @ 2.3 GHz
35
+25C -40C +85C
MAAL-007304 V1
30
25
20
15 -10
-5
0
5
10
Output Power (dBm)
Lead-Free SOT-26 Plastic Package
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
Reference Application Note M538 for lead-free solder reflow recommendations. Meets JEDEC moisture sensitivity level 1 requirements.
4
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MAAL-007304-TR3000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X